Electronic Components Datasheet Search
  English  ▼

X  

DRDN005W Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DRDN005W
Description  COMPLEX ARRAY FOR RELAY DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDN005W Datasheet(HTML) 7 Page - Diodes Incorporated

  DRDN005W Datasheet HTML 1Page - Diodes Incorporated DRDN005W Datasheet HTML 2Page - Diodes Incorporated DRDN005W Datasheet HTML 3Page - Diodes Incorporated DRDN005W Datasheet HTML 4Page - Diodes Incorporated DRDN005W Datasheet HTML 5Page - Diodes Incorporated DRDN005W Datasheet HTML 6Page - Diodes Incorporated DRDN005W Datasheet HTML 7Page - Diodes Incorporated DRDN005W Datasheet HTML 8Page - Diodes Incorporated DRDN005W Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DS30573 Rev. 8 - 2
7 of 9
DRD (xxxx) W
www.diodes.com
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 14, Base Emitter Voltage
vs. Collector Current (DRDP006W)
V
= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
I , BASE CURRENT (mA)
B
Fig. 12, Typical Collector Saturation Region (DRDP006W)
0.001
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
I = 300mA
C
0
0.1
0.2
0.3
0.6
0.5
0.4
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig.11, Collector Emitter Saturation Voltage vs.
Collector Current (DRDP006W)
I
C
I
B
= 10
T = 150°C
A
T = 25°C
A
T = -50°C
A
1
10
1000
100
1
10
1000
100
I , COLLECTOR CURRENT (mA)
C
Fig. 13, DC Current Gain vs
Collector Current (DRDP006W)
V
= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
1
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 15, Gain Bandwidth Product vs.
Collector Current (DRDP006W)
V
= 5V
CE
1.0
5.0
20
10
30
-0.1
-10
-1.0
-30
REVERSE VOLTS (V)
Fig. 16, Typical Capacitance (DRDP006W)
Cobo
Cibo



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com