Electronic Components Datasheet Search
  English  ▼

X  

IL7101 Datasheet(PDF) 7 Page - Integral Corp.

Part # IL7101
Description  GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL7101 Datasheet(HTML) 7 Page - Integral Corp.

  IL7101 Datasheet HTML 1Page - Integral Corp. IL7101 Datasheet HTML 2Page - Integral Corp. IL7101 Datasheet HTML 3Page - Integral Corp. IL7101 Datasheet HTML 4Page - Integral Corp. IL7101 Datasheet HTML 5Page - Integral Corp. IL7101 Datasheet HTML 6Page - Integral Corp. IL7101 Datasheet HTML 7Page - Integral Corp. IL7101 Datasheet HTML 8Page - Integral Corp. IL7101 Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IL7101
Typical Application
Supply voltage circuit is connected as a previous diagram. Please decide constants R1, R2, C4, and C5 of a
filter in order to keep at least 12V in Vs, when normal supply current flows.
In this case, please connect C4 (more than 1 ㎌) and C2 (less than 1 ㎌). ZCT and load resistance RL of ZCT
are connected between input pin① and ②. In this case protective resistance (R3=100Ω) must be insulted.
Sensitivity current is regulated by RL, and output of amplifier shows in pin④. External capacitor C1 between
pin④ and GND is used for noise removal.
When large current is grounded in the primary side (AC line) of ZCT, the wave form in the secondary side
of ZCT is distorted and some signals doesn’t appear in the output of amplifier. So please connect a varistor or
a diode (2pcs.) to ZCT in parallel.
Latch circuit is used to inspect the output level of amplifier and to supply gate current on the external SCR.
When input pin becomes more than 1.1V (Typ.) latch circuit operates and supply gate current in the gate of
SCR connected to the output pin⑦.
Pin⑥ can be used in the open state, but please connect capacitor (about 0.047 ㎌) between pin⑥ and ⑦.
Capacitor C6 between pin① and GND is used to remove noise and is about 0.047 ㎌.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com