Electronic Components Datasheet Search
  English  ▼

X  

IL4145AD Datasheet(PDF) 5 Page - Integral Corp.

Part # IL4145AD
Description  Low Power Ground Fault Interrupter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL4145AD Datasheet(HTML) 5 Page - Integral Corp.

  IL4145AD Datasheet HTML 1Page - Integral Corp. IL4145AD Datasheet HTML 2Page - Integral Corp. IL4145AD Datasheet HTML 3Page - Integral Corp. IL4145AD Datasheet HTML 4Page - Integral Corp. IL4145AD Datasheet HTML 5Page - Integral Corp. IL4145AD Datasheet HTML 6Page - Integral Corp. IL4145AD Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IL4145A
1000:1
Hot
Line
C1
C2
C
F
Q1 Tagi
X0103DA
DB1
Solenoid
Load
Latching
Contacts
K1
1M*
IL4145AN
10 F
µ
0.01 F
µ
2.2 F
µ
1N4004 (4)
15K
RTEST
MOV
RSENSE
VFB
+VS
RLINE
VREF(+13V)
Neutral
Press
To Test
Sense Transformer
GND
24 K
Op Amp Output
SCR Trigger
* Value depends on transformer characteristics.
Figure 2. GFI Application Circuit (Two-Wire Outlet)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com