Electronic Components Datasheet Search
  English  ▼

X  

HM3101 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3101
Description  2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3101 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3101 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3101 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3101 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3101 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3101 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3101 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3101 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
HM3101
Typical Application Circuit (Buck LED Constant Current Driver)
Figure5.
HM3101 Typical Application Circuit (LED Constant Current Driver)
Ordering Information
Part Number
Marking ID
Lead Free
Lead Free
Packing Type
Tube
Package
Temperature
Range
Tape & Reel
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 45
V
FB Pin Voltage
VFB
-0.3 to Vin
V
EN Pin Voltage
VEN
-0.3 to Vin
V
SW Pin Voltage
VSW
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance
(Junction to Ambient, No Heatsink, Free Air)
RJA
50
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Rev 1.0
4
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com