Electronic Components Datasheet Search
  English  ▼

X  

HM2518 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2518
Description  Brushed DC motor drive circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2518 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2518 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2518 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
电特性参数表
(TA=25℃, VCC=3V, VDD =6V 除非另有规定)
参数
符号
条件
最小值
典型值
最大值
单位
电源参数
VCC 待机电流
IVCCST
INA=INB= L;VCC=7V;
VDD=10V;输出悬空
--
0
10
uA
VDD 待机电流
IVDDST
--
0
10
VCC 静态电源电流
IVCC
INA=H OR INB=H;输出悬空
--
182
--
uA
VDD 静态电源电流
IVDD
INA=H OR INB=H;输出悬空
--
83
--
输入逻辑电平
输入高电平
VINH
2
--
--
V
输入低电平
VINL
--
--
0.8
输入电平迟滞
VHYS
0.6
输入高电平电流
IINH
VINH=2.5V,VCC=3V
191
uA
输入下拉电阻
RIN
VINH=3V,VCC=3V
12
KΩ
功率管导通内阻
HM2518导通内阻
RON
IO=±200mA VDD=6V TA=25℃
0.28
Ω
IO=±1800mA VDD=6.5V TA=25℃
0.38
保护功能参数
热关断温度点
TSD
--
150
--
℃
热关断温度迟滞
TSDH
--
20
--
功率 MOSFET 体二极管导通特性-
PMOS 体二极管
VPD
I=400mA,VCC=3V,VDD=INA=INB=0V
0.69
V
NMOS 体二极管
VND
I=-400mA, VCC=VDD=3V,INA=INB=0V
0.75
电机驱动时间参数
HM2518输出上升时间
tr
VCC=5V, VDD =5V,INB=H,INA 输入脉冲
信号;
信号占空比为 50%,信号频率为 20KHz
负载电机内阻 1.3Ω,电机空转
250
ns
HM2518输出下降时间
tf
30
HM2518输出延迟时间
trf
80
HM2518输出延迟时间
tfr
220
HM2518



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com