Electronic Components Datasheet Search
  English  ▼

X  

CT-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # CT-SERIES
Description  SAW base solution.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

CT-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  CT-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
71
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
Features
.
SAW base solution.
.
3.3V and 2.5V operation available.
.
LVDS output, output frequencies 150 MHz to 700 MHz.
.
Excellent low phase noise and jitter.
.
Tri-State function available.
.
Applications : Fibre Channel, Gigabit Ethernet, Serial ATA, Serial Attached
SCSI, PCI-Express, SDH / SONET.
.
RoHS Compliant / Pb Free.
SMD LVDS SAW
Oscillators - Differential Output
5.0 x 3.2 x 1.2 mm CT Series
T B
CTSY1H
156.2500
Electrical Specifications
Dimensions
Item / Type
CT
Output Type
Output Load
Oscillation Mode
Supply Voltage
Frequency Range
Overall Frequency Stability *
Operating Temperature Range
Storage Temperature Range
Voltage Vol(Min.) / Voh (Max.)
Rise ( Tr ) / Fall ( Tf ) Time ( 20 % ~ 80 % )
Supply Current
Symmetry
Start-up Time
Phase Jitter ( 12 KHz ~ 20 MHz )
LVDS
100 Ω
Fundamental
2.5 V , 3.3 V
150 ~ 700 MHz
±
100 ppm , or specify
-10 ~ + 70 ℃ , - 5 ~ + 85 ℃ , or specify
- 55 ~ + 125 ℃
0.9 V / 1.6 V
1 nS Max.
80 mA Max.
45 ~ 55 %
10 mS Max.
1 pS Max.
* Inclusive of frequency tolerance at 25 ℃, variation over temperature, supply voltage variation, aging and vibration.
1. Enable Control or NC
2. Enable Control or NC
3. GND
4. OUT
5. OUTN
6. VDD
Pad dimension tolerance ±0.2 mm
Pin Function:
Land Pattern:
Power Supply Decoupling Capacitor is Required.
Pad dimension tolerance ±0.2 mm
4
5
3
2
3
4
2
5
1.27
6
0.64
1
1
6
5.0±0.2
1.27
1.27
5
6
0.89
4
12
3


Similar Part No. - CT-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-SERIES ETC-CT-SERIES Datasheet
891Kb / 28P
programmable counter
logo
Mitsumi Electronics, Co...
CT-SERIES MITSUMI-CT-SERIES Datasheet
132Kb / 2P
Step Up DC/DC Converter Transformers for Strobe Light
More results

Similar Description - CT-SERIES

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX006 EXTECH-EX006 Datasheet
37Kb / 1P
Weighted Base & Solution Cups
logo
EPCOS
B5109 EPCOS-B5109 Datasheet
92Kb / 8P
SAW filter Base-station RF
B5116 EPCOS-B5116 Datasheet
98Kb / 8P
SAW filter RF Base Station
B5110 EPCOS-B5110 Datasheet
91Kb / 8P
SAW filter Base-station RF
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF_15 Datasheet
652Kb / 7P
Three-switch solution for base station synthesizer switch
logo
TDK Electronics
B39192B5180U410 TDK-B39192B5180U410 Datasheet
140Kb / 8P
SAW filter for base station
B39192B5187U510 TDK-B39192B5187U510 Datasheet
259Kb / 14P
SAW diplexer for base stations
B39262B5154U410 TDK-B39262B5154U410 Datasheet
256Kb / 8P
SAW Components SAW filter for base station
logo
TXC Corporation.
BS-SERIES TXC-BS-SERIES Datasheet
976Kb / 1P
SAW base solution.
BT-SERIES TXC-BT-SERIES Datasheet
972Kb / 1P
SAW base solution.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com