Electronic Components Datasheet Search
  English  ▼

X  

US3A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # US3A
Description  High Efficiency Recovery rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

US3A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  US3A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd US3A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd US3A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US3A~US3M
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Ultrafast reverse recovery time
●
Low switching losses, high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC DO-214AB molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
JESD22-B102D
●
Polarity:
Laser band denotes cathode end
trr
50 nS , 75 nS
VF
1.0 V , 1.3 V , 1.7 V
Tj max.
150 °C
IF(AV)
3.0 A
VRRM
50 V to 1000 V
IFSM
100 A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.32 x 0.32” (8.0 x 8.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Maximum average forward rectified current
IF(AV)
3.0
A
Operating junction and storage temperature
range
TJ ,TSTG
–55 to +150
℃
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
100
A
Thermal resistance from junction to lead
(1)
RθJL
20
℃/ W
V
50
100
200
400
Maximum repetitive peak reverse voltage
VRRM
50
100
Items
Symbol US3A US3B US3D US3G
Maximum DC blocking voltage
VDC
600
Maximum RMS voltage
VRMS
35
70
140
280
600
j
Symbol
US3A~US3D
US3G
US3J~US3M
US3J US3K US3M
UNIT
420
560
700
V
200
400
800
1000
V
800
1000
Reverse current
VR=VDC
Tj=25℃
IR
5
μA
Tj=125℃
50
UNIT
Instantaneous forward voltage
IF=3.0 A
(2)
VF
1.0
1.3
1.7
V
Items
Test conditions
Typical junction capacitance
4.0 V ,1MHz
CJ
30
pF
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
50
75
nS
High Efficiency Recovery rectifiers
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - US3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3A SSE-US3A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3A DIOTEC-US3A Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3A SEMIKRON-US3A Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3A DIOTEC-US3A Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3A SEMIKRON-US3A Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
More results

Similar Description - US3A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DHE05A LUGUANG-DHE05A Datasheet
445Kb / 2P
High Efficiency Recovery Rectifiers
DHE05M LUGUANG-DHE05M Datasheet
2Mb / 2P
High Efficiency Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS_15 Datasheet
261Kb / 2P
High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US1A-SMA YFWDIODE-US1A-SMA Datasheet
104Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMB YFWDIODE-US2A-SMB Datasheet
101Kb / 2P
High Efficiency Recovery rectifiers
logo
SeCoS Halbleitertechnol...
ES14A SECOS-ES14A Datasheet
271Kb / 2P
High Efficiency Recovery Rectifiers
logo
Shanghai Leiditech Elec...
US5A LEIDITECH-US5A Datasheet
297Kb / 3P
High Efficiency Recovery rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com