Electronic Components Datasheet Search
  English  ▼

X  

US5A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # US5A
Description  High Efficiency Recovery rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

US5A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  US5A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd US5A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd US5A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Ultrafast reverse recovery time
●
Low switching losses, high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC DO-214AA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
JESD22-B102
●
Polarity:
Laser band denotes cathode end
IF(AV)
5.0 A
VRRM
50 V to 1000 V
IFSM
150 A
trr
50 nS , 75 nS
VF
1.0 V , 1.4 V , 1.7 V
Tj max.
150 °C
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
j
Items
Symbol US5A US5B US5D US5G US5J US5K US5M
UNIT
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IF(AV)
5.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Thermal resistance from junction to lead
(1)
RθJL
20
℃/ W
Operating junction and storage temperature
range
TJ ,TSTG
–55 to +150
℃
Items
Test conditions
Symbol
US5A~US5D
US5G
US5J~US5M
UNIT
Instantaneous forward voltage
IF=5.0 A
(2)
VF
1.0
1.3
1.7
V
nS
Reverse current
VR=VDC
TJ=25℃
IR
5
μA
TJ=100℃
100
Typical junction capacitance
4.0 V ,1MHz
CJ
20
pF
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
50
75
US5A~US5M
High Efficiency Recovery rectifiers
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - US5A

ManufacturerPart #DatasheetDescription
logo
Semikron International
US5A SEMIKRON-US5A Datasheet
232Kb / 2P
Ultrafast silicon rectifier diodes
logo
Shenzhen Luguang Electr...
US5A LUGUANG-US5A Datasheet
192Kb / 2P
Surface Mount Rectifiers
logo
Formosa MS
US5A FORMOSA-US5A Datasheet
119Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Thinki Semiconductor Co...
US5A THINKISEMI-US5A Datasheet
775Kb / 2P
5.0 Ampere SMD Glass Passivated Ultra Fast Recovery Rectifier Diodes
logo
Microdiode Semiconducto...
US5A CHENDA-US5A Datasheet
636Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US5A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DHE05A LUGUANG-DHE05A Datasheet
445Kb / 2P
High Efficiency Recovery Rectifiers
DHE05M LUGUANG-DHE05M Datasheet
2Mb / 2P
High Efficiency Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS_15 Datasheet
261Kb / 2P
High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US1A-SMA YFWDIODE-US1A-SMA Datasheet
104Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMB YFWDIODE-US2A-SMB Datasheet
101Kb / 2P
High Efficiency Recovery rectifiers
US3A-US3M-SMC YFWDIODE-US3A-US3M-SMC Datasheet
302Kb / 2P
High Efficiency Recovery rectifiers
logo
SeCoS Halbleitertechnol...
ES14A SECOS-ES14A Datasheet
271Kb / 2P
High Efficiency Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com