Electronic Components Datasheet Search
  English  ▼

X  

OPA615IDGST Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615IDGST
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDGST Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA615IDGST Datasheet HTML 9Page - Texas Instruments OPA615IDGST Datasheet HTML 10Page - Texas Instruments OPA615IDGST Datasheet HTML 11Page - Texas Instruments OPA615IDGST Datasheet HTML 12Page - Texas Instruments OPA615IDGST Datasheet HTML 13Page - Texas Instruments OPA615IDGST Datasheet HTML 14Page - Texas Instruments OPA615IDGST Datasheet HTML 15Page - Texas Instruments OPA615IDGST Datasheet HTML 16Page - Texas Instruments OPA615IDGST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
BASIC APPLICATION CIRCUITS
+V
CC
(13)
+V
CC
(5)
C
(12)
B
(3)
E
(2)
+1
R
B
R
L
R
B
R
E
V
−
Single Transistor
V+
V
I
V
O
(a) Common Emitter Amplifier
V
O
100
Ω
OTA
V
I
B
E
R
L
R
E
NoninvertingGain
(b) Common−E Amplifier for OTA
Inverting Gain
V
several volts
OS ≈
3
2
C
12
Transconductance varies over temperature.
Transconductance remains constant over temperature.
V
OS ≈ 0
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
Figure 35 shows a simplified block diagram of the
While the OTA function and labeling appear similar to
OPA615 OTA. Both the emitter and the collector
those of a transistor, it offers essential distinctive
outputs offer a drive capability of
±20mA for driving
differences and improvements: 1) The collector cur-
low impedance loads. The emitter output is not
rent flows out of the C terminal for a positive B-to-E
current-limited or protected. Momentary shorts to
input voltage and into it for negative voltages; 2) A
GND should be avoided, but are unlikely to cause
common emitter amplifier operates in non-inverting
permanent damage.
mode while the common base operates in inverting
mode; 3) The OTA is far more linear than a bipolar
transistor; 4) The transconductance can be adjusted
with an external resistor; 5) As a result of the PTAT
biasing characteristic, the quiescent current increases
as shown in the typical performance curve vs tem-
perature and keeps the AC performance constant; 6)
The OTA is self-biased and bipolar; and 7) The
output current is approximately zero for zero differen-
tial input voltages. AC inputs centered on zero
produce an output current centered on zero.
Most application circuits for the OTA section consist
of a few basic types which are best understood by
analogy to discrete transistor circuits. Just as the
transistor has three basic operating modes—common
emitter, common base, and common collector—the
OTA has three equivalent operating modes; com-
mon-E, common-B, and common-C (see Figure 36,
Figure 37 and Figure 38). Figure 36 shows the OTA
connected as a Common-E amplifier, which is equiv-
alent to a common emitter transistor amplifier. Input
and output can be ground-referenced without any
biasing. The amplifier is noninverting because a
Figure 35. Simplified OTA Block Diagram
current flowing out of the emitter will also flow out of
the collector as a result of the current mirror shown in
Figure 35.
Figure 36. a) Common Emitter Amplifier Using a Discrete Transistor; b) Common-E Amplifier Using the
OTA Portion of the OPA615
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com