Electronic Components Datasheet Search
  English  ▼

X  

M6SXAP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6SXAP
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SXAP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6SXAP Datasheet HTML 1Page - M-System Co.,Ltd. M6SXAP Datasheet HTML 2Page - M-System Co.,Ltd. M6SXAP Datasheet HTML 3Page - M-System Co.,Ltd. M6SXAP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M6SXAP
M6SXAP SPECIFICATIONS
ES-7996 Rev.4 Page 1/4
http://www.m-system.co.jp/
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
DC/FREQUENCY CONVERTER
(PC programmable)
Function & features
• Maintenance-free tension clamp connection
• 5.9-mm wide ultra-slim design
• Low profile allows the M6S module mounted in a 120-mm
deep panel
• Converts a DC input into a FM (frequency modulation) or
PWM (pulse width modulated) signal
• PC programmable
• High-density mounting
• Power and status indicator LEDs
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6SXAP–[1][2]–R[3]
ORDERING INFORMATION
• Code number: M6SXAP-[1][2]-R[3]
Specify a code from below each [1] through [3].
(e.g. M6SXAP-Z1A-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 25 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
(Configurator software is used to change the input type and
precise range.)
[2] OUTPUT
A: Open collector (100 kHz for FM, 1 kHz for PWM)
M: 5 V pulse (100 kHz for FM, 1 kHz for PWM)
N: 12 V pulse (100 kHz for FM, 1 kHz for PWM)
P: 24 V pulse (100 kHz for FM, 1 kHz for PWM)
Output modulation type and range are configurable with the
configure software. The output signal type is configurable
with the DIP switches.
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7837)
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Input and output: Tension clamp
Power input: Via the Installation Base (model: M6SBS)
or Tension clamp
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Zero adjustment: -2 to +2 % (PC programming)
Span adjustment: 98 to 102 % (PC programming)
Power LED: Green light turns on when the power is supplied.
Status indicator LED: Orange LED; Blinking patterns indicate
different operating status of the transmitter.
Programming: Downloaded from PC
• Input type and range
• Modulation type (FM, PWM)
• Output range
• Zero and span
• User’s linearization table (max. 101 points, specified


Similar Part No. - M6SXAP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SXAR MSYSTEM-M6SXAR Datasheet
157Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAR-0-R MSYSTEM-M6SXAR-0-R Datasheet
157Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAR-0-R/Q MSYSTEM-M6SXAR-0-R/Q Datasheet
157Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAR-1-R MSYSTEM-M6SXAR-1-R Datasheet
157Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAR-1-R/Q MSYSTEM-M6SXAR-1-R/Q Datasheet
157Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results

Similar Description - M6SXAP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SPS1 MSYSTEM-M6SPS1 Datasheet
134Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPA MSYSTEM-M6SPA Datasheet
146Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDM MSYSTEM-M6SDM Datasheet
117Kb / 2P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SCTC MSYSTEM-M6SCTC Datasheet
139Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS MSYSTEM-M6SBS Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXR MSYSTEM-M6SXR Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXF1 MSYSTEM-M6SXF1 Datasheet
205Kb / 6P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SWVS MSYSTEM-M6SWVS Datasheet
144Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS MSYSTEM-M6SVS Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVF MSYSTEM-M6SVF Datasheet
137Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com