Electronic Components Datasheet Search
  English  ▼

X  

2SC5379 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5379
Description  Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5379 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5379 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5379 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC5379
Silicon NPN epitaxial planer type
For low-voltage low-noise high-frequency oscillation
s Features
q
Low noise figure NF.
q
High gain.
q
High transition frequency fT.
q
SS-Mini type package, allowing downsizing of the equipment
and automatic insertion through the tape packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–75
3:Collector
SS–Mini Type Package
1.6
±0.15
0.8
±0.1
0.4
0.4
1
2
3
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
15
8
2
80
125
125
–55 ~ +125
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Transition frequency
Collector output capacitance
Foward transfer gain
Noise figure
Symbol
ICBO
IEBO
hFE
*
fT
Cob
| S21e |
2
NF
Conditions
VCB = 10V, IE = 0
VEB = 1V, IC = 0
VCE = 5V, IC = 10mA
VCE = 5V, IC = 10mA, f = 2GHz
VCB = 5V, IE = 0, f = 1MHz
VCE = 5V, IC = 10mA, f = 1GHz
VCE = 5V, IC = 3mA, f = 1GHz
min
80
8.5
typ
7.0
0.6
11.0
1.6
max
1
1
200
1.0
2
Unit
µA
µA
GHz
pF
dB
dB
Marking symbol :
HT
*h
FE Rank classification
Rank
Q
R
S
hFE
80 ~ 115
95 ~ 155
135 ~ 200
Marking Symbol
HTQ
HTR
HTS


Similar Part No. - 2SC5379

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2SC537 MICRO-ELECTRONICS-2SC537 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
Sanken electric
2SC5370 SANKEN-2SC5370 Datasheet
12Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Emergency Lighting Inverter and General Purpose)
logo
Foshan Blue Rocket Elec...
2SC5371 FOSHAN-2SC5371 Datasheet
871Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
Sanyo Semicon Device
2SC5374 SANYO-2SC5374 Datasheet
134Kb / 5P
VHF to UHF Band OSC, High-Frequency Amp Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
More results

Similar Description - 2SC5379

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2634 PANASONIC-2SC2634 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3312 PANASONIC-2SC3312 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC5378 PANASONIC-2SC5378 Datasheet
31Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5472 PANASONIC-2SC5472 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5473 PANASONIC-2SC5473 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5474 PANASONIC-2SC5474 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SD1821 PANASONIC-2SD1821 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com