| Electronic Components Datasheet Search |
|
PRT702LCAF5A Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRT702LCAF5A Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 113 page ![]() i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020 2 NXP Semiconductors i.MX RT1064 Introduction interface. The i.MX RT1064 has analog interfaces, such as ADC, ACMP, and TSC. The i.MX RT1064 is specifically useful for applications such as: • Industrial Human Machine Interfaces (HMI) • Motor Control • Home Appliance 1.1 Features The i.MX RT1064 processors are based on Arm Cortex-M7 Core Platform, which has the following features: • Supports single Arm Cortex-M7 Core with: — 32 KB L1 Instruction Cache — 32 KB L1 Data Cache — Full featured Floating Point Unit (FPU) with support of the VFPv5 architecture — Support the Armv7-M Thumb instruction set • Integrated MPU, up to 16 individual protection regions • Tightly coupled GPIOs, operating at the same frequency as Arm core • Up to 512 KB I-TCM and D-TCM in total • Frequency of 600/528 MHz • Cortex M7 CoreSight™ components integration for debug • Frequency of the core, as per Table 10, "Operating ranges," on page 22. The SoC-level memory system consists of the following additional components: — Boot ROM (128 KB) — On-chip Flash (4 MB) — On-chip RAM (1 MB) – 512 KB OCRAM shared between ITCM/DTCM and OCRAM – Dedicate 512 KB OCRAM • External memory interfaces: — 8/16-bit SDRAM, up to SDRAM-133/SDRAM-166 — 8/16-bit SLC NAND FLASH, with ECC handled in software —SD/eMMC — SPI NOR/NAND FLASH — Parallel NOR FLASH with XIP support — Two single/dual channel Quad SPI FLASH with XIP support • Timers and PWMs: — Two General Programmable Timers (GPT) – 4-channel generic 32-bit resolution timer – Each support standard capture and compare operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |