Electronic Components Datasheet Search
  English  ▼

X  

2SC5393 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5393
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5393 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5393 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5393 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SC5393
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
600
600
400
7
10
5
1
40
2
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Storage time
Fall time
Symbol
ICBO
IEBO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
tstg
tf
Conditions
VCB = 600V, IE = 0
VEB = 5V, IC = 0
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 1.5A
IC = 1.5A, IB = 0.3A
IC = 1.5A, IB = 0.3A
VCE = 10V, IC = 0.1A, f = 0.5MHz
IC = 2A, IB1 = 0.4A, IB2 = – 0.8A,
VCC = 150V
min
10
8
typ
30
max
100
100
60
1
2
2.0
0.3
Unit
µA
µA
V
V
MHz
µs
µs
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Similar Part No. - 2SC5393

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2SC539 MICRO-ELECTRONICS-2SC539 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
Hitachi Semiconductor
2SC5390 HITACHI-2SC5390 Datasheet
30Kb / 6P
Silicon NPN Epitaxial High Frequency Amplifier
logo
Panasonic Semiconductor
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Isahaya Electronics Cor...
2SC5395 ISAHAYA-2SC5395 Datasheet
119Kb / 4P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
2SC5395 ISAHAYA-2SC5395 Datasheet
209Kb / 4P
For Low Frequency Power Amplify Application Silicon NPN Epitaxial Type Micro
More results

Similar Description - 2SC5393

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3743 PANASONIC-2SC3743 Datasheet
56Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com