Electronic Components Datasheet Search
  English  ▼

X  

M8SED Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8SED
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8SED Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8SED Datasheet HTML 1Page - M-System Co.,Ltd. M8SED Datasheet HTML 2Page - M-System Co.,Ltd. M8SED Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M8SED
M8SED SPECIFICATIONS
ES-5488 Rev.8 Page 1/3
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
DC ALARM
(thumbwheel switch adjustment)
Functions & Features
• Providing relay outputs at preset DC input levels
• Dual (Hi/Lo) trip
• Thumbwheel switch setpoint adjustments
• Space-saving, easy-to-maintain, multi-channel installation
base
3 1
4 4
MODEL: M8SED-[1][2][3]-R[4]
ORDERING INFORMATION
• Code number: M8SED-[1][2][3]-R[4]
Specify a code from below for each of [1] through [4].
(e.g. M8SED-A12-R/Q)
• Specify the specification for option code /Q
(e.g. /C01 )
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT 1
1: Hi trip (ON = tripped; OFF = untripped or no power)
2: Hi trip (OFF = tripped; ON = untripped or no power)
[3] OUTPUT2
1: Lo trip (ON = tripped; OFF = untripped or no power)
2: Lo trip (OFF = tripped; ON = untripped or no power)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket
except Model M8BS2 base.
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output 1 to output 2 to power
Setpoint adjustments: Thumbwheel switches (front);
0 – 99 % independently; 1 % increments;
(factory setting: 50 %)
Hysteresis (deadband): Approx. 1 %
Front LEDs: Red LED turns on when the coil for Hi output is
energized.
Green LED turns on when the coil for Lo output is energized.
Power ON timer: Relays de-energized for approx. 2 seconds
after power is turned on.
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
• Relay Contact: 125 V AC @0.2 A (cos ø = 1) *
30 V DC @0.5 A (resistive load) *
Maximum switching voltage: 125 V AC or 60 V DC
Maximum switching power: 25 VA or 15 W
Minimum load: 100 mV DC @100 μA
Mechanical life: 5 × 106 cycles
* When used with a multi-channel installation base (e.g.
M8BS-16), the ratings derated as following.
Terminal block type: 125 V AC @0.2 A, 30 V DC @0.25 A
Cable connector type: 24 V AC @50 mA, 24 V DC @50mA


Similar Part No. - M8SED

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8SED1 MSYSTEM-M8SED1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8SED1-411-R MSYSTEM-M8SED1-411-R Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8SED1-411-R/Q MSYSTEM-M8SED1-411-R/Q Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8SED1-412-R MSYSTEM-M8SED1-412-R Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8SED1-412-R/Q MSYSTEM-M8SED1-412-R/Q Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8SED

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com