Electronic Components Datasheet Search
  English  ▼

X  

M8PP1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8PP1
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8PP1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8PP1 Datasheet HTML 1Page - M-System Co.,Ltd. M8PP1 Datasheet HTML 2Page - M-System Co.,Ltd. M8PP1 Datasheet HTML 3Page - M-System Co.,Ltd. M8PP1 Datasheet HTML 4Page - M-System Co.,Ltd. M8PP1 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M8PP1
M8PP1 SPECIFICATIONS
ES-5378 Rev.5 Page 1/5
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
PULSE ISOLATOR
(built-in excitation, CE)
Functions & Features
• Amplifying, waveshaping a pulse rate input and providing
two galvanically isolated pulse signals
• Space-saving, easy-to-maintain, multi-channel installation
base
MODEL: M8PP1-[1][2][3][4]-R[5]
ORDERING INFORMATION
• Code number: M8PP1-[1][2][3][4]-R[5]
Specify a code from below for each of [1] through [5].
(e.g. M8PP1-B7A1A12-R/Q)
• Input frequency (e.g. 0 – 1000 Hz)
• Output pulse width (e.g. 75 msec.)
Use Ordering In-formation Sheet (No. ESU-5484) for Input
Codes B:DC voltage pulse or E: AC voltage pulse, or for non-
standard output pulse width.
• Specify the specification for option code /Q
(e.g. /C01 )
[1] INPUT
A: Dry contact
B: DC voltage pulse (Specify sensitivity)
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
E: AC voltage pulse (Specify sensitivity)
H: Two-wire current pulse
[2] EXCITATION
0: None
4: 12 V DC / 30 mA
7: 24 V DC / 30 mA
[3] OUTPUT 1 / OUTPUT 2
A1A1: Open collector / open collector (max. 100 kHz)
A2A2: Open collector / open collector (max. 10 Hz)
M1M1: 5 V pulse / 5 V pulse (max. 100 kHz)
M2M2: 5 V pulse / 5 V pulse (max. 10 Hz)
Max. 50 kHz for AC voltage pulse input
[4] OUTPUT PULSE WIDTH
1: Equal to the input
2: One-shot output (std. pulse width 50 msec.)
Specify when optional pulse width is required.
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket
except Model M8BS2 base.
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output 1 to output 2 to power
Polarity switch: Inverting output pulse logic
(factory setting: non-inverted)
Input pulse sensing: DC coupled (AC coupled for AC voltage
pulse)
INPUT SPECIFICATIONS
Excitation: 12 V DC ±2 V @30 mA
24 V DC ±4 V @30 mA
shortcircuit protection; approx. ≤ 5 mA at shortcircuit
Caution: With a current exceeding 30 mA, the pulse isolator
stops feeding the sensor excitation, until the sensor is
removed and connected again.
Pulse width time requirement
No pulse width adj. for output: 2 µsec. min.


Similar Part No. - M8PP1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP-A0A1A11-R MSYSTEM-M8PP-A0A1A11-R Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP-A0A1A11-R/Q MSYSTEM-M8PP-A0A1A11-R/Q Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP-A0A1A12-R MSYSTEM-M8PP-A0A1A12-R Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP-A0A1A12-R/Q MSYSTEM-M8PP-A0A1A12-R/Q Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8PP1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com