Electronic Components Datasheet Search
  English  ▼

X  

M8PA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8PA
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8PA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8PA Datasheet HTML 1Page - M-System Co.,Ltd. M8PA Datasheet HTML 2Page - M-System Co.,Ltd. M8PA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M8PA
M8PA SPECIFICATIONS
ES-5486 Rev.6 Page 1/3
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
FREQUENCY CONVERTER
Functions & Features
• Converting the output from a pulse-type transducer into a
standard process signal
• Space-saving, easy-to-maintain, multi-channel installation
base
MODEL: M8PA-[1][2]-R[3]
ORDERING INFORMATION
• Code number: M8PA-[1][2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. M8PA-A6A-R/Q)
• Frequency range (e.g. 0 – 1 kHz)
Use Ordering Information Sheet (No. ESU-5484) for Input
Codes B: DC voltage pulse or E: AC voltage pulse.
• Specify the specification for option code /Q
(e.g. /C01/V01)
[1] INPUT
A: Dry contact
B: DC voltage pulse (Specify sensitivity)
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
E: AC voltage pulse (Specify sensitivity)
[2] OUTPUT 1 / OUTPUT 2
6A: 1 – 5 V DC (Load resistance 2500 Ω min.)
/ 4 – 20 mA DC (Load resistance 300 Ω max.)
44: 0 – 10 V DC (Load Resistance 5000 Ω min.)
/ 0 – 10 V DC (Load Resistance 5000 Ω min.)
55: 0 – 5 V DC (Load resistance 2500 Ω min.)
/ 0 – 5 V DC (Load resistance 2500 Ω min.)
66: 1 – 5 V DC (Load resistance 2500 Ω min.)
/ 1 – 5 V DC (Load resistance 2500 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
ADJUSTMENT
/V01: Multi-turn fine adjustment
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket.
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output 1 to output 2 to power
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
Input pulse sensing: DC coupled (AC coupled for AC voltage
pulse)
INPUT SPECIFICATIONS
Frequency range: 0 – 20 Hz through 20 kHz
Pulse width (time) requirement: Duty ratio 20 – 80 % at 100
% input
■ Dry Contact
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≤ 200 Ω/0.5 V for ON, ≥ 100 kΩ/9 V for OFF
■ DC Voltage Pulse: Specify detecting level, amplitude and
DC offset.
Waveform: Square or sine
Input impedance: 10 kΩ min.
Input amplitude: 2 – 50 V p-p
Detecting level: 2 – 10 V; 0.6 V ≤ VH – VL ≤ 1.3 V
Max. voltage between input terminals: 50 V
• 5 V, 12 V, 24 V Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Detecting H level
5 V pulse: ≥ 3 V
12 V, 24 V pulse: ≥ 6 V
Detecting L level


Similar Part No. - M8PA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1-A44-R MSYSTEM-M8PA1-A44-R Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1-A44-R/Q MSYSTEM-M8PA1-A44-R/Q Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1-A55-R MSYSTEM-M8PA1-A55-R Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1-A55-R/Q MSYSTEM-M8PA1-A55-R/Q Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8PA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com