Electronic Components Datasheet Search
  English  ▼

X  

M8BS1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8BS1
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8BS1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8BS1 Datasheet HTML 1Page - M-System Co.,Ltd. M8BS1 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M8BS-1
M8BS-1 SPECIFICATIONS
ES-5493 Rev.12 Page 1/2
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
SINGLE MOUNT BASE SOCKET
(single-output)
Functions & Features
• Single mount base socket for Pico-M series signal
conditioners
• Single-output (output 2)
A
B
C
D
22.5 (.88)
77
(3.03)
40
(1.57)
MODEL: M8BS-1-1[1]
ORDERING INFORMATION
• Code number: M8BS-1-1[1]
Specify codes from below for [1].
(e.g. M8BS-1-1/Q)
• Specify the specification for option code /Q
(e.g. /C01)
OUTPUT
1: Single output
The M8BS-1 is not usable for Model M8CT, M8CT1, M8XT2 or
M8XT3.
Select Option /SK with Model M8TSx.
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection: Euro type terminal
(applicable wire size: 0.14 to 1.5 mm2, stripped length 7
mm)
Housing material: Flame-resistant resin
Isolation: Input to output 2 to power
INSTALLATION
Power input: Operational voltage range 24 V DC ±10 %,
ripple 10 % p-p max.
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail
DIN/EN 50045 (15 × 5)
DIN/EN 50022 (35 × 7.5)
DIN/EN 50035 (G 32)
Weight: 40 g (1.4 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 2 or power)
500 V AC @1 minute (output 2 to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - M8BS1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8BS1-16U0-M2 MSYSTEM-M8BS1-16U0-M2 Datasheet
306Kb / 6P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS1-16U0-M2/Q MSYSTEM-M8BS1-16U0-M2/Q Datasheet
306Kb / 6P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS1-16U0-R MSYSTEM-M8BS1-16U0-R Datasheet
306Kb / 6P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS1-16U0-R/Q MSYSTEM-M8BS1-16U0-R/Q Datasheet
306Kb / 6P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS1-16U3-M2 MSYSTEM-M8BS1-16U3-M2 Datasheet
306Kb / 6P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8BS1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com