Electronic Components Datasheet Search
  English  ▼

X  

RB886CS Datasheet(PDF) 1 Page - Rohm

Part # RB886CS
Description  Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB886CS Datasheet(HTML) 1 Page - Rohm

  RB886CS Datasheet HTML 1Page - Rohm RB886CS Datasheet HTML 2Page - Rohm RB886CS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RB886CS
Diodes
1/2
Schottky barrier diode
RB886CS
Applications
External dimensions (Unit : mm)
Land size figure (Unit : mm)
High frequency detection
VMN2
0.55
Features
1) Ultra small mold type. (VMN2)
2) Low Ct and high detection efficiency.
Construction
Structure
Silicon epitaxial planar
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
ROHM : VMN2
dot (year week factory) + day
0.16±0.05
0.37±0.03
0.6±0.05
0.35±0.1
0.156
0.7±0.05
4.0±0.1
2±0.05
φ0.5
4±0.1
2±0.05
φ1.55
0.2±0.05
0.52
Symbol
Unit
VR
V
IF
mA
Tj
℃
Tstg
℃
Parameter
Reverse voltage
verage rectified forward current
-40 to +125
Limits
5.0
10
nction temperature
torage temperature
125
A
Ju
S
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
0.35
V
IF=1.0mA
IR
-
-
120
µA
VR=5.0V
Capacitance between terminals
Ct
-
0.53
0.80
pF
VR=1.0V , f=1MHz
Conditions
everse current
Parameter
ward voltage
For
R


Similar Part No. - RB886CS

ManufacturerPart #DatasheetDescription
logo
Rohm
RB886CS ROHM-RB886CS Datasheet
1Mb / 7P
Detection Schottky Diodes
RB886CS ROHM-RB886CS_15 Datasheet
1Mb / 7P
Detection Schottky Diodes
More results

Similar Description - RB886CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com