Electronic Components Datasheet Search
  English  ▼

X  

2SC5419 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5419
Description  Silicon NPN triple diffusion planer type(For low-frequency output amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5419 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5419 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5419 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC5419
Silicon NPN triple diffusion planer type
For low-frequency output amplification
s Features
q
High collector to emitter voltage VCEO.
q
High transition frequency fT.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
MT2 Type Package
2.5
±0.1
2.5
±0.5 2.5±0.5
6.9
±0.1
1.05
±0.05
(1.45)
4.0
0.7
0.8
0.65 max.
0.45
+0.1
–0.05
3
2
1
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*1
Tj
Tstg
Ratings
300
300
7
100
70
1.0
150
–55 ~ +150
Unit
V
V
V
mA
mA
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICEO
VCEO
VEBO
hFE
*1
VCE(sat)
fT
Cob
Conditions
VCE = 120V, IB = 0
IC = 100µA, IB = 0
IE = 1µA, IC = 0
VCE = 10V, IC = 5mA
IC = 50mA, IB = 5mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
300
7
30
typ
50
max
1
220
1.2
10
Unit
µA
V
V
V
MHz
pF
*1 Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
*1h
FE Rank classification
Rank
P
Q
R
hFE
30 ~ 100
60 ~ 150
100 ~ 220
1.2
±0.1
0.65
max.
0.45 0.1
0.05
+
–
Note: In addition to the
lead type shown in
the upper figure, the
type as shown in
the lower figure is
also available.
(HW type)


Similar Part No. - 2SC5419

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5419 PANASONIC-2SC5419 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
More results

Similar Description - 2SC5419

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1209 PANASONIC-2SB1209 Datasheet
38Kb / 2P
Silicon PNP triple diffusion planer type(For low-frequency amplification)
2SD1385 PANASONIC-2SD1385 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2220 PANASONIC-2SD2220 Datasheet
39Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For low-frequency amplification)
2SD2413 PANASONIC-2SD2413 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD2420 PANASONIC-2SD2420 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2530 PANASONIC-2SD2530 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2538 PANASONIC-2SD2538 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com