Electronic Components Datasheet Search
  English  ▼

X  

HM3441 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3441
Description  Synchronous Buck-Boost DC/DC Constant Output Current Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3441 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3441 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3441 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3441 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3441 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3441 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3441 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3441 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3441 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
P
Piinn D
Deessccrriippttiioonn
VC1 (Pin 1):
Frequency compensation pin
GND (Pin 2):
Signal and Power Ground for the IC.
S1 (Pin 3):
Switch Pin Where the Internal Switches A and B are Connected. Connect inductor from
SW1 to SW2. An optional Schottky diode can be connected from SW1 to ground. Minimize trace length
to keep EMI down.
S2 (Pin 4):
Switch Pin Where the Internal Switches C and D are connected. For applications with output
voltages over 4.3V, a Schottky diode is required from SW2 to VOUT to ensure the SW pin does not
exhibit excess voltage.
GND (Pin 5):
Signal and Power Ground for the IC.
VOUT (Pin 6):
Output of the Synchronous Rectifier. A filter capacitor is placed
from VOUT to GND.
VIN (Pin 7):
Input Supply Pin, Internal VCC for the IC. A ceramic bypass capacitor as close to the VIN pin
and GND (Pin 5) is required.
EN (Pin 8):
Combined Soft-Start and Shutdown. Grounding this pin shuts down the IC. Tie to >1.5V to
enable the IC and > 1.8V to ensure the error amp is not clamped from soft-start. An RC from the
shutdown command signal to this pin will provide a soft-start function by limiting the rise time of the VC
pin.
VFB (Pin 9):
Feedback Pin. Connect resistor divider tap here. The output voltage can be adjusted from
1.8V to 4.6V. The feedback reference voltage is typically 0.1V.
VC (Pin 10):
Frequency compensation pin.
A
Apppplliiccaattiioonnss IInnffoorrm
maattiioonn
The HM3441 employs a buck-boost DC/DC converter to generate the output voltage required to drive a
high current LED. This architecture permits high efficiency, low noise operation at input voltages above,
below or equal to the output voltage by properly phasing four internal power switches. The error amp
output voltage on the VC pin determines the duty cycle of the switches.
Since the VC pin is a filtered signal, it provides rejection of frequencies well below the factory trimmed
switching frequency of 1.1MHz. The low RDS (ON), low gate charge synchronous switches provide high
frequency pulse width modulation control at high efficiency.
Undervoltage Lockout
To prevent operation of the power switches at high RDS(ON), an undervoltage lockout is incorporated on
the HM3441. When the input supply voltage drops below approximately 1.9V, power switches and all
control circuitry are turned off except for the undervoltage block, which draws a few microamperes.
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com