Electronic Components Datasheet Search
  English  ▼

X  

HM3440 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3440
Description  Synchronous Buck-Boost DC/DC Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3440 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3440 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3440 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TTyyppiiccaall P
Peerrffoorrm
maannccee C
Chhaarraacctteerriissttiiccss
Efficiency vs. Output Current
(VOUT=3.2V)
0
10
20
30
40
50
60
70
80
90
100
0
200 400 600 800 1000 1200
Output Current (mA)
VIN=2.7V
VIN=4.2V
VIN=3.6V
Efficiency vs. Output Curre nt
(VOUT=5V)
0
10
20
30
40
50
60
70
80
90
100
0
100 200 300 400 500 600 700
Output Current (mA)
VIN=2.7V
VIN=4.2V
VIN=3V
Output Voltage vs. Load Current
(VIN=3.6V,VOUT=3.2V)
3.2
3.201
3.202
3.203
3.204
3.205
3.206
3.207
3.208
3.209
3.21
0
200
400
600
800
1000
Load Current (mA)
Output Voltage vs. Load Current
(VIN=4.2V,VOUT=5V)
5
5.03
5.06
5.09
5.12
5.15
5.18
5.21
5.24
0
100 200 300 400 500 600 700
Load Current (mA)
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com