Electronic Components Datasheet Search
  English  ▼

X  

HM3348 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3348
Description  Boost LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3348 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3348 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3348 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
E
Elle
eccttrriicca
all C
Ch
ha
arra
acctte
erriissttiiccss
Operating Conditions: TA = 25°C, VIN = 3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage
Range
2.2
6
V
IQ
Operating Quiescent
Current into VIN
IOUT = 0mA, not switching
100
μA
ISHDN
Shutdown Current
20
μA
VFB
Feedback Voltage
TA = 25℃, ILOAD = 1mA
195
200
205
mV
IFB
FB Pin Bias Current
EN = GND
60
nA
fOSC
Switching Frequency
800
kHz
DC
Maximum Duty Cycle
90
%
VSW
Maximum Switch
Voltage
30
V
RDS(ON)
MOSFET On-Resistance
50
mΩ
VOVP
Output Overvoltage
Protection
VOUT rising
1.151
1.212
1.273
V
VENL
EN Falling Threshold
0.5
V
VENH
EN Rising Threshold
1.5
V
HM3348



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com