Electronic Components Datasheet Search
  English  ▼

X  

HM3232 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3232
Description  Interface Transceiver of RS-232 Standard with One Supply Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3232 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3232 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3232 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TIMING CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Data Transfer Rate
RL = 3KΩ
CL2= 1000pF
one transmitter
switching
VCC=3.3V
120
Kbps
tPHLR
tPLHR
Propagation Delay Input
to Output
RXIN = RXOUT
CL = 150pF
4.0
9.7
µs
tPHLT
tPLHT
Propagation Delay Input
to Output
RL = 3KΩ
CL = 2500pF
2.0
5.0
µs
|tPHLR
- tPLHR|
Receiver Propagation
Delay Difference
300
ns
|tPHLT
- tPLHT|
Transmitter Propagation
Delay Difference
300
ns
SRT
Transition Slew Rate
TA = 25°C
RL = 3KΩ to 7KΩ
VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
3
30
V/µs
Transmitter Skew is measured at the transmitter zero cross points
APPLICATION CIRCUITS
CAPACITANCE VALUE (µF)
VCC
C1
C2
C3
C4
Cbypass
3.0 to 5.5
0.1
0.1
0.1
0.1
0.1
3232
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com