Electronic Components Datasheet Search
  English  ▼

X  

2SC5472 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5472
Description  Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5472 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5472 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5472 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistors
1
2SC5472
Silicon NPN epitaxial planer type
For low-voltage low-noise high-frequency oscillation
I Features
• High transition frequency f
T
• High gain of 8.2 dB and low noise of 1.8 dB at 3 V
• Optimum for RF amplification of a portable telephone and pager
• S-mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
9V
Collector to emitter voltage
VCEO
6V
Emitter to base voltage
VEBO
1V
Collector current
IC
30
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 3A
Unit: mm
1.3±0.1
0.3
+0.1
–0.0
2.0±0.2
1
3
2
(0.65) (0.65)
0.15
+0.10
–0.05
10
°
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 9 V, IE = 01
µA
Emitter cutoff current
IEBO
VEB
= 1 V, I
C
= 01
µA
Forward current transfer ratio
hFE
VCE
= 3 V, I
C
= 10 mA
80
200
Transition frequency
fT
VCE = 3 V, IC = 10 mA, f = 2 GHz
12.0
GHz
Collector output capacitance
Cob
VCB
= 3 V, I
E
= 0, f = 1 MHz
0.6
0.9
pF
Forward transfer gain
| S
21e
| 2
VCE
= 3 V, I
C
= 10 mA, f = 2 GHz
6.0
8.0
dB
Noise figure
NF
VCE = 3 V, IC = 3 mA, f = 1.5 GHz
1.8
3.0
dB
I Electrical Characteristics T
a = 25°C ± 3°C
1: Base
2: Emitter
EIAJ: SC-70
3: Collector
S-Mini Type Package


Similar Part No. - 2SC5472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC547 PANASONIC-2SC547 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
logo
Hitachi Semiconductor
2SC547 HITACHI-2SC547 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
2SC5470 HITACHI-2SC5470 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
More results

Similar Description - 2SC5472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2634 PANASONIC-2SC2634 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3312 PANASONIC-2SC3312 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC5378 PANASONIC-2SC5378 Datasheet
31Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5379 PANASONIC-2SC5379 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5473 PANASONIC-2SC5473 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5474 PANASONIC-2SC5474 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SD1821 PANASONIC-2SD1821 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com