Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4352
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4352 Datasheet HTML 10Page - Analog Devices LTC4352 Datasheet HTML 11Page - Analog Devices LTC4352 Datasheet HTML 12Page - Analog Devices LTC4352 Datasheet HTML 13Page - Analog Devices LTC4352 Datasheet HTML 14Page - Analog Devices LTC4352 Datasheet HTML 15Page - Analog Devices LTC4352 Datasheet HTML 16Page - Analog Devices LTC4352 Datasheet HTML 17Page - Analog Devices LTC4352 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT4356-1/LT4356-2
14
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
MOSFET stress is the result of power dissipated within
the device. For long duration surges of 100ms or more,
stress is increasingly dominated by heat transfer; this is
a matter of device packaging and mounting, and heatsink
thermal mass. This is analyzed by simulation, using the
MOSFET thermal model.
For short duration transients of less than 100ms, MOSFET
survival is increasingly a matter of safe operating area
(SOA),anintrinsicpropertyoftheMOSFET.SOAquantifies
the time required at any given condition of VDS and ID to
raise the junction temperature of the MOSFET to its rated
maximum. MOSFET SOA is expressed in units of watt-
squared-seconds (P2t). This figure is essentially constant
for intervals of less than 100ms for any given device
type, and rises to infinity under DC operating conditions.
Destruction mechanisms other than bulk die temperature
distort the lines of an accurately drawn SOA graph so that
P2t is not the same for all combinations of ID and VDS.
In particular P2t tends to degrade as VDS approaches the
maximum rating, rendering some devices useless for
absorbing energy above a certain voltage.
Calculating Transient Stress
To select a MOSFET suitable for any given application, the
SOA stress must be calculated for each input transient
whichshallnotinterruptoperation.Itisthenasimplematter
to chose a device which has adequate SOA to survive the
maximumcalculatedstress.P2tforaprototypicaltransient
waveform is calculated as follows (Figure 4).
Let
a = VREG – VIN
b = VPK – VIN
(VIN = Nominal Input Voltage)
Then
P2t = ILOAD
2 1
3
tr
b − a
(
)
3
b
+
1
2
t 2a
2 ln b
a
+ 3a
2 + b2 − 4ab
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
Typically VREG ≈ VIN and t >> tr simplifying the above to
P2t =
1
2
ILOAD
2 V
PK – VREG
(
)
2
t
(W 2s)
For the transient conditions of VPK = 80V, VIN = 12V, VREG
= 16V, tr = 10µs and t = 1ms, and a load current of 3A,
P2t is 18.4W2s—easily handled by a MOSFET in a D-pak
package.TheP2tofothertransientwaveshapesisevaluated
by integrating the square of MOSFET power versus time.
Calculating Short-Circuit Stress
SOA stress must also be calculated for short-circuit con-
ditions. Short-circuit P2t is given by:
P2t = (VIN • ΔVSNS/RSNS)2 • tTMR
(W2s)
where, ΔVSNS is the SENSE pin threshold, and tTMR is the
overcurrent timer interval.
For VIN = 14.7V, VSNS = 50mV, RSNS = 12mΩ and CTMR
= 100nF, P2t is 6.6W2s—less than the transient SOA
calculated in the previous example. Nevertheless, to
accountforcircuittolerancesthisfigureshouldbedoubled
to 13.2W2s.
Limiting Inrush Current and GATE Pin Compensation
TheLT4356limitstheinrushcurrenttoanyloadcapacitance
by controlling the GATE pin voltage slew rate. An external
capacitor can be connected from GATE to ground to slow
down the inrush current further at the expense of slower
turn-off time. The gate capacitor is set at:
C1 =
I
I
GATE(UP)
INRUSH
•CL
Figure 4. Safe Operating Area Required to Survive
Prototypical Transient Waveform
VPK
τ
VIN
4356 F04
VREG
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com