Electronic Components Datasheet Search
  English  ▼

X  

M8XT2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8XT2
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8XT2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8XT2 Datasheet HTML 1Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 2Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 3Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 4Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M8XT2
M8XT2 SPECIFICATIONS
ES-5470 Rev.7 Page 2/5
http://www.m-system.co.jp/
Manual span adjustments: 95 to 105 %
(factory setting: 100 %)
Programming: Downloaded from PC; T/C type, temp. range,
output range, zero and span, simulating output, user's
temperature table, linearization, etc.
Burnout protection: Upscale standard; downscale or no
burnout optional by programming
(Set to "no burnout" when the unit is connected with
another instrument in parallel.)
Cold junction compensation: CJC sensor attached to the
input terminals
Status indicator LED: Blinking patterns indicate different
operating status of the transmitter.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
Input resistance: 1 MΩ min.
Burnout sensing: 45 nA ±10 %
Minimum span: 20°C or 36°F
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
For temperatures ranges near lower limit of the usable
range, the transmitter may not satisfy the described
accuracy. Consult M-System.
If not specified, the input range is shown below.
1 PR: 0–1600°C
2 K: 0–1000°C
3 E: 0–500°C
4 J: 0–500°C
5 T: 0–300°C
6 B: 0–1800°C
7 R: 0–1600°C
8 S: 0–1600°C
9 C: 0–2000°C
N N: 0–1000°C
U U: 0–300°C
L L: 0–500°C
P P: 0–1200°C
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Operational range: 0 – 24 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 6 V max.
(e.g. 4 – 20 mA: 300 Ω [6 V ÷ 20 mA])
■ DC Voltage: -10 – +10 V DC
Operational range: -11.5 – +11.5 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V2Z1: 1 – 5 V / 4 – 20 mA DC
V2V2: 1 – 5 V / 1 – 5 V DC
INSTALLATION
Current consumption: Approx. 50 mA (70 mA for current
output)
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)
PERFORMANCE
Accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
See HOW TO CALCULATE THE ACCURACY.
• Input accuracy: (% of input range)
(PR): ±0.04 %
K (CA): ±0.01 %
E (CRC): ±0.02 %
J (IC): ±0.02 %
T (CC): ±0.03 %
B (RH): ±0.06 %
R: ±0.04 %
S: ±0.04 %
C (WRe 5-26): ±0.02 %
N: ±0.02 %
U: ±0.02 %
L: ±0.02 %
P (Platinel II): ±0.02 %
• Output accuracy: (% of output range)
-10 – +10 V: ±0.02 %
0 – 20 mA: ±0.04 %
Cold junction compensation error: ±0.5°C or ±0.9°F
(at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of I/O range
at 0 to 55°C [32 to 131°F]
Response time: ≤ 0.9 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com