Electronic Components Datasheet Search
  English  ▼

X  

30459 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 30459
Description  Proximity sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

30459 Datasheet(HTML) 1 Page - Festo Corporation.

  30459 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Proximity sensor
SMEO-1-LED-24-B
Part number: 30459
Data sheet
Feature
Value
Type code
SMEO
Design
Block design
Symbol
00991145
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
Measuring principle
Magnetic reed
Ambient temperature
-20 °C ... 70 °C
Switching output
Contact-based, bipolar
Switching element function
N/O contact
Reproducibility of switching value
+/- 0.1 mm
On time
≤0.5 ms
Max. output current
1000 mA
Min. switching capacity AC
27 VA
Max. switching capacity DC
27 W
Short-circuit protection
no
Overload protection
Not available
Operating voltage range AC
12 V ... 27 V
DC operating voltage range
12 V ... 27 V
Reverse polarity protection
no
Electrical connection
3-wire
Cable
Connection outlet orientation
Longitudinal
Cable length
2.5 m
Material of cable sheath
TPE-U(PUR)
Type of mounting
With accessories
Mounting position
Any
Product weight
85 g
Housing material
Die-cast zinc
Switching status indication
LED yellow
Ambient temperature with flexible cable installation
-5 °C ... 70 °C
Degree of protection
IP67
5/4/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 30459

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3045910 PHOENIX-3045910 Datasheet
176Kb / 14P
Plug - UPBV 4/12
3045949 PHOENIX-3045949 Datasheet
99Kb / 10P
Plug - UPBV 4/15
More results

Similar Description - 30459

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com