Electronic Components Datasheet Search
  English  ▼

X  

2SC547 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC547
Description  Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC547 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC547 Datasheet HTML 1Page - Panasonic Semiconductor 2SC547 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC5474 (Tentative)
Silicon NPN epitaxial planer type
For low-voltage low-noise high-frequency oscillation
s Features
q
High transition frequency fT.
q
High gain of 8.9dB and low noise of 1.8dB at 3V.
q
Optimum for RF amplification of a portable telephone and
pager.
q
SS-Mini type package, allowing downsizing of the equipment
and automatic insertion through the tape packing.
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
9
6
1
30
125
125
–55 ~ +125
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Collector output capacitance
Transition frequency
Noise figure
Foward transfer gain
Symbol
ICBO
IEBO
hFE
Cob
fT
NF
| S21e |
2
Conditions
VCB = 9V, IE = 0
VEB = 1V, IC = 0
VCE = 3V, IC = 10mA
VCB = 3V, IE = 0, f = 1MHz
VCE = 3V, IC = 10mA, f = 2GHz
VCE = 3V, IC = 3mA, f = 1.5GHz
VCE = 3V, IC = 10mA, f = 2GHz
min
80
typ
0.4
12.0
1.8
8.9
max
1
1
200
Unit
µA
µA
pF
GHz
dB
dB
Unit: mm
1:Base
2:Emitter
EIAJ:SC–75
3:Collector
SS-Mini Type Package
Marking symbol :
3A
1.6
±0.15
0.8
±0.1
0.4
0.4
1
2
3
0.2
±0.1


Similar Part No. - 2SC547

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC547 PANASONIC-2SC547 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
logo
Hitachi Semiconductor
2SC547 HITACHI-2SC547 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
2SC5470 HITACHI-2SC5470 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
More results

Similar Description - 2SC547

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2634 PANASONIC-2SC2634 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3312 PANASONIC-2SC3312 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC5378 PANASONIC-2SC5378 Datasheet
31Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5379 PANASONIC-2SC5379 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5472 PANASONIC-2SC5472 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5473 PANASONIC-2SC5473 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SD1821 PANASONIC-2SD1821 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com