Electronic Components Datasheet Search
  English  ▼

X  

AT6392 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT6392
Description  4-Channel BTL Drive for CD Players
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT6392 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT6392 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT6392 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AT6392
4-Channel BTL Drive for CD Players
5F-5, 55, Tong-Kuan Road, Hsinchu, Taiwan, R.O.C.
Email:
   
Tel: 886-3-575-3058
http://www.aimtron.com.tw
Fax: 886-3-575-3015

   


 

/3'4
0  " 

/3'%
0  
+
%/&5
/   6 12
-
/%&5
0  
7
/4&5
0  " 
*
8%94&5
&     
:
8%943'
&     

;50
;  "     "   
,
/4&5
0  " 
<
/%&5
0  

%/&5
/   6 12

/3'%
0  
+
/3'4
0  " 
-
;50
;  "     "   
7
!3'9
0    
*
/+3'4
0 + " 
:
/+3'%
0 + 

%/&5+
/   6 1+2
,
/+%&5
0 + 
<
/+4&5
0 + " 

8
 #

8
 #
+
8.&5
0 - 
-
8&5
0 - 
7
8.&5
0 - 
*
/-3'%
0 - 
:
/-3'4
0 - " 

;50
;  "     "   
*Pin23 and pin25 are shorted internally.




Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com