Electronic Components Datasheet Search
  English  ▼

X  

MXAB Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # MXAB
Description  Plug-in Signal Conditioners MX-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXAB Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  MXAB Datasheet HTML 1Page - M-System Co.,Ltd. MXAB Datasheet HTML 2Page - M-System Co.,Ltd. MXAB Datasheet HTML 3Page - M-System Co.,Ltd. MXAB Datasheet HTML 4Page - M-System Co.,Ltd. MXAB Datasheet HTML 5Page - M-System Co.,Ltd. MXAB Datasheet HTML 6Page - M-System Co.,Ltd. MXAB Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: MXAB
MXAB SPECIFICATIONS
ES-1747 Rev.10 Page 5/7
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
D/A
Converter
Digital
Computation
Base Socket
A/D
Converter
From SOFT-TERMINAL
Effective only
in MAN mode
From COMPUTER
DATA
ITEM
10
11
UP
9
DOWN
COM
+
–
INPUT
5
6
3
4
STOP
1
7 U(+)
V(–)
8
POWER
+
–
OUTPUT
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com