Electronic Components Datasheet Search
  English  ▼

X  

MTL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MTL
Description  Plug-in Signal Conditioners M-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MTL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MTL Datasheet HTML 1Page - M-System Co.,Ltd. MTL Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: MTL
MTL SPECIFICATIONS
ES-3228 Rev.1 Page 1/2
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
2-WIRE STRAIN GAUGE TRANSMITTER
Functions & Features
• Used in conjunction with bridge type strain gauges utilized
in load cells, pressure transducers, etc.
• Excitation in pulses enables use with strain gauges of the
bridge resistance 350 Ω
• Non-isolated
• Zero adjustment range: 0 to 80 %, span adjustment range
100 to 20 %
• High-density mounting
Typical Applications
• Weighing system for tanks, hoppers, silos
• Weighing system using cranes
• Float level meter utilizing strain gauges
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: MTL–[1][2]
ORDERING INFORMATION
• Code number: MTL-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. MTL-2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT STRAIN GAUGE
2: 2 mV/V
0: Specify
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Zero adjustments (tare): 0 – 80 % (front)
Span adjustment (sensitivity): 100 - 20% (front)
INPUT SPECIFICATIONS
Input: Bridge voltage from load cells
Rated output from strain gauge: 2 mV/V
Nominal bridge resistance: 350 Ω minimum
Excitation: 5 V voltage pulse
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage: Load Resistance (Ω) =
(Supply Voltage (V) – 13 (V)) ÷ 0.02 (A)
(including leadwire resistance)
10
15
20
25
28
13
0
150
300
450
600
750
SUPPLY VOLTAGE [V]
(550Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 13 – 28 V DC
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Dielectric strength: 2000 V AC @1 minute (input or output
to ground)


Similar Part No. - MTL

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MTL-21-10 LORLIN-MTL-21-10 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
MTL-21-20 LORLIN-MTL-21-20 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
MTL-21-30 LORLIN-MTL-21-30 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
MTL-21-40 LORLIN-MTL-21-40 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
MTL-21-50 LORLIN-MTL-21-50 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
More results

Similar Description - MTL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com