Electronic Components Datasheet Search
  English  ▼

X  

2SC5517 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5517
Description  Silicon NPN triple diffusion mesa type(For horizontal deflection output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5517 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5517 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SC5517
Silicon NPN triple diffusion mesa type
For horizontal deflection output
s Features
q
High breakdown voltage, and high reliability through the use of a
glass passivation layer
q
High-speed switching
q
Wide area of safe operation (ASO)
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
1700
1700
5
12
6
3
40
3
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Storage time
Fall time
Diode forward voltage
Symbol
ICBO
VEBO
hFE
VCE(sat)
VBE(sat)
fT
tstg
tf
VF
Conditions
VCB = 1000V, IE = 0
VCB = 1700V, IE = 0
IE = 500mA, IC = 0
VCE = 5V, IC = 4.5A
IC = 4.5A, IB = 0.9A
IC = 4.5A, IB = 0.9A
VCE = 10V, IC = 0.1A, f = 0.5MHz
IC = 4.5A, IB1 = 0.9A, IB2 = –1.8A
IF = 4.5A
min
5
5
typ
3
max
50
1
10
3
1.5
5.0
0.5
–2
Unit
µA
mA
V
V
V
MHz
µs
µs
V
Unit: mm
1:Base
2:Collector
3:Emitter
TOP–3E Full Pack Package
15.5
±0.5
3.0
±0.3
φ3.2±0.1
5.45
±0.3
123
5.45
±0.3
1.1
±0.1
2.0
±0.2
4.0
5
°
5
°
5
°
5
°
5
°
5
°
0.7
±0.1


Similar Part No. - 2SC5517

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5517 PANASONIC-2SC5517 Datasheet
164Kb / 11P
Horizontal Deflection Transistor Series for TV
logo
Inchange Semiconductor ...
2SC5517 ISC-2SC5517 Datasheet
248Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5517

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5243 PANASONIC-2SC5243 Datasheet
46Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5244 PANASONIC-2SC5244 Datasheet
46Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5406 PANASONIC-2SC5406 Datasheet
37Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5478 PANASONIC-2SC5478 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5516 PANASONIC-2SC5516 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5552 PANASONIC-2SC5552 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5583 PANASONIC-2SC5583 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5584 PANASONIC-2SC5584 Datasheet
45Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5591 PANASONIC-2SC5591 Datasheet
49Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5622 PANASONIC-2SC5622 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com