Electronic Components Datasheet Search
  English  ▼

X  

HM4101 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4101
Description  220KHz 40V 3A switch current step-down LED constant current driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4101 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4101 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4101 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
220KHz 40V 3A开关电流降压型LED恒流驱动器
HM4101
Rev 1.2
7
-50
-25
0
25
50
75
100
125
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CS VOLTAGE CHANGE VS TEMPERATURE
TEMPERATURE(℃)
VIN=12V,VOUT=6.4V,IOUT=308mA
Normalized at TA=25℃
NOTE2
图
11.CS 电压变化曲线
注 2: 内部温度补偿电路可补偿 PCB 和系统应用的外部线路损耗。当结温或输出功率上升,
CS 电压会得到补偿。此功能是专为补偿 PCB 和外部线路损耗设计。
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com