Electronic Components Datasheet Search
  English  ▼

X  

HM4066 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4066
Description  Switch Mode Li-Ion/Polymer Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4066 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4066 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Typical Operating Characteristics (continued)
5
10
15
20
14
16
18
20
22
HM4066-8.4
End-of-Charge Ratio vs Vcc
Vcc (V)
5
10
15
20
84
86
88
VNTC=0V
NTC Pin Output Current vs Vcc
Vcc (V)
-40
-20
0
20
40
60
80
100
120
80
82
84
86
88
90
92
94
VNTC=0V
NTC Pin Output Current vs Temperature
TEMPERATURE(°C)
HM4066-4.2 /8.4/ 8.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com