Electronic Components Datasheet Search
  English  ▼

X  

1818562 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1818562
Description  Printed-circuit board connector - DMC 1,5/ 8-G1F-3,5-LRP20THRR56
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1818562 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1818562 Datasheet HTML 1Page - PHOENIX CONTACT 1818562 Datasheet HTML 2Page - PHOENIX CONTACT 1818562 Datasheet HTML 3Page - PHOENIX CONTACT 1818562 Datasheet HTML 4Page - PHOENIX CONTACT 1818562 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1818562
04/14/2016   Page 4 / 5
Printed-circuit board connector - DMC 1,5/ 8-G1F-3,5-
LRP20THRR56 - 1818562
Approvals
cULus Recognized 
 
B
C
Nominal current IN
8 A
8 A
Nominal voltage UN
150 V
50 V
EAC 
Drawings
Schematic diagram
Use of the CP-DMC... coding profile
Drilling diagram
a
3,5
5,25
Ø1,4
Diagram
100
80
60
40
20
0
0
2
4
6
8
10
12
14
16
=2-pos.
=5-pos.
=20-pos.
Ambienttemperature[°C]
Dimensional drawing
a+10,5
3,5
a
5,25
11,6
8
2,5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com