Electronic Components Datasheet Search
  English  ▼

X  

PU2A Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PU2A
Description  PROGRAMMING UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PU2A Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PU2A Datasheet HTML 1Page - M-System Co.,Ltd. PU2A Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: PU-2A
PU-2A SPECIFICATIONS
ES-9255-C Rev.6 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
8
S
I
5
P
Z
F
2
M
W
C
•
7
R
H
4
O
Y
E
1
L
V
B
0
K
U
A
9
T
J
6
Q
G
3
–
GROUP
ITEM
DATA
#
CLR
UP
DOWN
ENTER
30 (1.18)
100 (3.94)
80 (1.97)
1.5 (.06)
20 (.79)
LCD BRIGHTNESS ADJ.
Connection cable is provided.
MODULAR JACK
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com