Electronic Components Datasheet Search
  English  ▼

X  

PNT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PNT
Description  Plug-in Signal Conditioners M-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PNT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PNT Datasheet HTML 1Page - M-System Co.,Ltd. PNT Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: PNT
PNT SPECIFICATIONS
ES-3230 Rev.4 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
SPAN
ZERO
55 (2.17)
8 (.31)
67 (2.64)
27 (1.06)
5.5 (.22)
2–4.5 (.18) dia.
MTG HOLE
6–M4
SCREW TERMINAL
•When mounting, no extra space is needed between units.
6
5
4
3
2
1
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Low Drift
Amplifier
Output
Driver
6
2
1
S
Z
3
4
EXC.
INPUT
COM
red
yellow
white
5
Excitation
Supply
Angle
Sensor
(model: NRA)
+
LOAD
OUTPUT
4 – 20mA DC
24V DC
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com