Electronic Components Datasheet Search
  English  ▼

X  

PM8 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PM8
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PM8 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PM8 Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: P-M8
P-M8 SPECIFICATIONS
ES-5120 Rev.1 Page 1/1
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
SOCKET COVER, M8BS USE
Functions & Features
• Socket cover for empty slots of the installation base
(model: M8BSx)
18 (.71)
mm (inch)
48 (1.89)
17 (.67)
MODEL: P–M8
ORDERING INFORMATION
• Code number: P-M8
GENERAL SPECIFICATIONS
Mounting screw: M3 screw attached (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
INSTALLATION
Mounting: Installation Base (model: M8BSx)
Weight: 5 g (0.18 oz)
EXTERNAL DIMENSIONS unit: mm (inch)
18 (.71)
2
(.08)
8
(.31)
15 (.59)
17 (.69)
Specifications are subject to change without notice.


Similar Part No. - PM8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
PM8 SEMTECH-PM8 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Panasonic Semiconductor
PM8 PANASONIC-PM8 Datasheet
625Kb / 9P
Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
Powerbox
PM80 POWERBOX-PM80 Datasheet
514Kb / 1P
60 - 80 WATTS DC/DC SINGLE - DUAL
logo
Artesyn Technologies
PM800 ARTESYN-PM800 Datasheet
38Kb / 2P
Single and dual output 10 to 12 Watt Nominal input DC/DC converters
logo
Schneider Electric
PM8000 SCHNEIDER-PM8000 Datasheet
191Kb / 4P
PowerLogic PM8000 - PM8240 Panel mount meter - intermediate metering
17-May-2024
More results

Similar Description - PM8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8SED1 MSYSTEM-M8SED1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com