Electronic Components Datasheet Search
  English  ▼

X  

MMST4401 Datasheet(PDF) 3 Page - Rohm

Part # MMST4401
Description  NPN Medium Power Transistor (Switching)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMST4401 Datasheet(HTML) 3 Page - Rohm

  MMST4401 Datasheet HTML 1Page - Rohm MMST4401 Datasheet HTML 2Page - Rohm MMST4401 Datasheet HTML 3Page - Rohm MMST4401 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SST4401 / MMST4401 / 2N4401
Transistors
Rev.A
3/3
1
10
100
1000
0.8
1.2
1.8
1.6
0.4
0
Ta
=25°C
VCE
=10V
COLLECTOR CURRENT : Ic(mA)
Fig.7 Grounded emitter propagation
characteristics
1.0
10
100
1000
100
1000
10
Ta
=25°C
IC / IB
=10
VCC
=30V
10V
COLLECTOR CURRENT : Ic(mA)
Fig.8 Turn-on time vs. collector
current
1.0
10
100
1000
100
500
5
10
Ta
=25°C
VCC
=30V
IC / IB
=10
COLLECTOR CURRENT : Ic
(mA)
Fig.9 Rise time vs. collector
current
1.0
10
100
1000
100
1000
10
Ta
=25°C
VCC
=30V
IC
=10IB1=10IB2
COLLECTOR CURRENT : Ic(mA)
Fig.10 Storage time vs. collector
current
1.0
10
100
1000
100
1000
10
Ta
=25°C
VCC
=30V
IC
=10IB1=10IB2
COLLECTOR CURRENT : Ic(mA)
Fig.11 Fall time vs. collector
current
0.1
1.0
10
100
10
100
1
Ta
=25°C
f
=1MHz
Cib
Cob
REVERSE BIAS VOLTAGE(V)
Fig.12 Input / output capacitance
vs. voltage
1
10
100
1000
10
1
100
0.1
Ta
=25°C
100MHz
200MHz
250MHz 300MHz
250MHz
COLLECTOR CURRENT : Ic(mA)
Fig.13 Gain bandwidth product
1.0
10
100
1000
100
1000
10
Ta
=25°C
VCE
=10V
COLLECTOR CURRENT : Ic(mA)
Fig.14 Gain bandwidth product
vs. collector current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com