Electronic Components Datasheet Search
  English  ▼

X  

MMST4403 Datasheet(PDF) 2 Page - Rohm

Part # MMST4403
Description  PNP Medium Power Transistor (Switching)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMST4403 Datasheet(HTML) 2 Page - Rohm

  MMST4403 Datasheet HTML 1Page - Rohm MMST4403 Datasheet HTML 2Page - Rohm MMST4403 Datasheet HTML 3Page - Rohm MMST4403 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SST4403 / MMST4403 / 2N4403
Transistors
Rev.B
2/3
Electrical characteristic curves
0
50
100
10
0
5
1B=0
µA
100
200
400
500
600
300
Ta=25˚C
COLLECTOR-EMITTER VOLTAGE : VCE
(V)
Fig.1 Grounded emitter output
characteristics
0.1
10
1.0
100
1000
100
1000
10
COLLECTOR CURRENT : IC (mA)
Fig.3 DC current gain vs. collector current ( I )
Ta=25˚C
VCE=10V
1V
1.0
10
100
1000
0.8
0.6
0.2
1.2
1.0
1.4
1.8
1.6
0.4
0
Ta=25˚C
IC / IB=10
COLLECTOR CURRENT : IC (mA)
Fig.2 Base-emitter saturation
voltage vs. collector current
0.1
10
1.0
100
1000
100
1000
10
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current ( II )
Ta=125˚C
Ta=25˚C
Ta=
−55˚C
VCE=10V
0.1
10
1.0
100
1000
100
1000
10
COLLECTOR CURRENT : IC (mA)
Fig.5 AC current gain vs. collector current
Ta=25˚C
VCE=10V
f=1kHz
1.0
10
100
1000
0.2
0.3
0.1
0
COLLECTOR CURRENT : IC (
mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current
Ta=25˚C
IC / IB=10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com