Electronic Components Datasheet Search
  English  ▼

X  

NCL30486 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCL30486
Description  Dimmable Power Factor Corrected LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30486 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCL30486 Datasheet HTML 17Page - ON Semiconductor NCL30486 Datasheet HTML 18Page - ON Semiconductor NCL30486 Datasheet HTML 19Page - ON Semiconductor NCL30486 Datasheet HTML 20Page - ON Semiconductor NCL30486 Datasheet HTML 21Page - ON Semiconductor NCL30486 Datasheet HTML 22Page - ON Semiconductor NCL30486 Datasheet HTML 23Page - ON Semiconductor NCL30486 Datasheet HTML 24Page - ON Semiconductor NCL30486 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
NCL30486
www.onsemi.com
21
Figure 57. PDIM Internal Waveforms
VDIM_sec
IPDIM
IPDIM(THR)
IPDIM(THD)
VPDIM_int
Ton
Tsw
Practically, the controller extracts the duty−cycle by
measuring the current inside PDIM pin which is directly the
opto coupler collector current.
If PDIM pin is left open, the controller delivers 100% of
Iout. If the pin is pulled down for longer than 25 ms, the
controller is disabled.
If the PWM dimming signal is removed during dimming,
the controller delivers 100% of Iout.
The NCL30486 set 100% of output current when the
duty−cycle of the signal applied on PDIM is above 93%.
Analog Dimming
The pin ADIM pin allows implementing analog dimming
of the LED light.
If the power supply designer applies an analog signal
varying from VDIM(EN) to VDIM100 to the DIM pin, the
output current will increase or decrease proportionally to the
voltage applied. For VDIM = VDIM100, the power supply
delivers the maximum output current (VREFX = 1 V).
If a voltage lower than VADIM(MIN) is applied to ADIM
pin, the output current is clamped to the selected dimming
clamp value (see Dimming clamp section below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com