Electronic Components Datasheet Search
  English  ▼

X  

NCL30488 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCL30488
Description  Power Factor Corrected LED Driver with Primary Side CC/CV
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30488 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCL30488 Datasheet HTML 14Page - ON Semiconductor NCL30488 Datasheet HTML 15Page - ON Semiconductor NCL30488 Datasheet HTML 16Page - ON Semiconductor NCL30488 Datasheet HTML 17Page - ON Semiconductor NCL30488 Datasheet HTML 18Page - ON Semiconductor NCL30488 Datasheet HTML 19Page - ON Semiconductor NCL30488 Datasheet HTML 20Page - ON Semiconductor NCL30488 Datasheet HTML 21Page - ON Semiconductor NCL30488 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NCL30488
www.onsemi.com
21
• CS pin short to ground
The CS pin is checked at start−up (cold start−up or after
a brown−out event). A current source (Ics(short)) is applied
to the pin and no DRV pulse is generated until the CS pin
exceeds Vcs(low). Ics(short) and Vcs(low) are 500 mA and
60 mV typically (VCS rising). The typical minimum
impedance to be placed on the CS pin for operation is then
120
W. In practice, it is recommended to place more than
250
W to take into account possible parametric deviations.
Also, along the circuit operation, the CS pin could happen
to be grounded. If it is grounded, the MOSFET
conduction time is limited by the 20
ms maximum
on−time. If such an event occurs, a new pin impedance
test is made.
• Line overvoltage protection
(see Line OVP section)
ORDERING TABLE OPTION
OPN #
NCL30488_ _
Maximum Dead−time
VREF
Max. On−time
ZCD Blanking
Valley
Transition
from LL to HL
Standby Mode
Line Range
Detector
250 ms 687 ms 1.4 ms 200 mV 333 mV 20 ms
33 ms
1 ms
1.5 ms
1st to
2nd
1st to
3rd
On
Off
On
Off
NCL30488A2
x
x
x
x
x
x
x
NCL30488A3
x
x
x
x
x
x
x
OPN #
NCL30488_ _
Line OVP
Frozen Peak Current During Standby Mode VCS(SBY)
Brown−out Levels
On
Off
380 mV
330 mV
280 mV
On: 108 V
Off: 98 V
On: 138 V
Off: 129 V
NCL30488A2
x
NA
x
NCL30488A3
x
NA
x
ORDERING INFORMATION
Device
Marking
Package type
Shipping†
NCL30488A2
L30486A2
SOIC7 – P7 COMP VHV PBFH
(Pb−Free)
2500 / Tape & Reel
NCL30488A3
L30488A3
SOIC7 – P7 COMP VHV PBFH
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com