Electronic Components Datasheet Search
  English  ▼

X  

2SC5552 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5552
Description  Silicon NPN triple diffusion mesa type(For horizontal deflection output)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5552 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5552 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
1
2SC5552
Silicon NPN triple diffusion mesa type
For horizontal deflection output
I Features
• High breakdown voltage, and high reliability through the use of a
glass passivation layer
• High-speed switching
• Wide area of safe operation (ASO)
I Absolute Maximum Ratings T
C = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
1 700
V
Collector to emitter voltage
VCES
1 700
V
VCEO
600
V
Emitter to base voltage
VEBO
7V
Peak collector current
ICP
30
A
Collector current
IC
16
A
Base current
IB
8
A
Collector power
TC
= 25°CP
C
65
W
dissipation
Ta
= 25°C
3.5
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Electrical Characteristics T
C = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= 1 000 V, I
E
= 050
µA
VCB
= 1 700 V, I
E
= 01
mA
Emitter cutoff current
IEBO
VEB = 7 V, IC = 050
µA
Forward current transfer ratio
hFE
VCE
= 5 V, I
C
= 8 A
6
12
Collector to emitter saturation voltage
VCE(sat)
IC
= 8 A, I
B
= 2 A
3
V
Base to emitter saturation voltage
VBE(sat)
IC = 8 A, IB = 2 A
1.5
V
Transition frequency
fT
VCE
= 10 V, I
C
= 0.1 A, f = 0.5 MHz
3
MHz
Storage time
tstg
IC
= 8 A, Resistance loaded
3.0
µs
Fall time
tf
IB1 = 2 A, IB2 = −4 A
0.2
µs
15.5±0.5
3.0±0.3
(4.0)
2.0±0.2
1.1±0.1
5.45±0.3
0.7±0.1
5
°
5
°
5
°
5
°
5
°
10.9±0.5
1
5
°
23
φ 3.2±0.1
1: Base
2: Collector
3: Emitter
TOP-3E Package
Internal Connection
B
C
E
Marking Symbol: C5552


Similar Part No. - 2SC5552

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5552 ISC-2SC5552 Datasheet
284Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5552

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5243 PANASONIC-2SC5243 Datasheet
46Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5244 PANASONIC-2SC5244 Datasheet
46Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5406 PANASONIC-2SC5406 Datasheet
37Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5440 PANASONIC-2SC5440 Datasheet
40Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5478 PANASONIC-2SC5478 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5516 PANASONIC-2SC5516 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5583 PANASONIC-2SC5583 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5584 PANASONIC-2SC5584 Datasheet
45Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5591 PANASONIC-2SC5591 Datasheet
49Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5622 PANASONIC-2SC5622 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com