Electronic Components Datasheet Search
  English  ▼

X  

MEXL Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MEXL
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEXL Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MEXL Datasheet HTML 1Page - M-System Co.,Ltd. MEXL Datasheet HTML 2Page - M-System Co.,Ltd. MEXL Datasheet HTML 3Page - M-System Co.,Ltd. MEXL Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: MEXL
MEXL SPECIFICATIONS
ES-4612 Rev.1 Page 4/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
24.5 (.18) dia.
MTG HOLE
25 (.98) deep
11M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
6
4
2
7
8
+
3
Base Socket
OPEN
CLOSE
CAPACITOR
MOTOR
Neuron Chip
TMPN3120
1
10
11
9
Close
Open
M
FEEDBACK
POTENTIOMETER
Open
Close
U
V
POWER
SSR
SSR
Voltage
Reference
Amplifier
DEADBAND ADJUSTMENT
ROTARY SWITCH
Transceiver
FTT-10A
Manual
Open/Close Switch
LONWORKS
Service Pin
Reset Switch
Service LED
RUN LED
Note:
Note that when limit switches inserted in motor wiring, the making/breaking may cause
stress on the SSRs.
EXPLANATIONS OF TERMS
• SSR (Solid State Relay)
Composed only of semiconductor parts, SSR is free from arc discharge or chattering which is typical with electromagnetic
relays. It features excellent characteristics against vibration, physical impact or other environmental conditions.
• Zero-Cross Function
SSR with zero-cross function turns on when AC power voltage is near zero, creating delay of switching when input is provided in
the middle of an wave cycle, thus limiting transient switching noise voltage and rush current.
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com