Electronic Components Datasheet Search
  English  ▼

X  

SSD2015 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SSD2015
Description  Dual P-Channel 20V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSD2015 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SSD2015 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSD2015 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSD2015 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSD2015 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSD2015 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSD2015 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSD2015 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSD2015 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0.10
0
6
12
18
24
30
ID - Drain Current (A)
VGS = 2.5 V
VGS = 1.8 V
VGS = 4.5 V
0
1
2
3
4
5
0
10203040
VDS = 10 V
ID = 8.9 A
Qg - Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150 °C
30
10
1
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
1000
2000
3000
4000
5000
0
246
8
10
12
VDS - Drain-to-Source Voltage (V)
Coss
Ciss
Crss
0.6
0.8
1.0
1.2
1.4
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 8.9 A
TJ - Junction Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
0
1234
5
ID = 8.9 A
VGS - Gate-to-Source Voltage (V)
ID = 3.6 A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SSD2015
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com