Electronic Components Datasheet Search
  English  ▼

X  

ATXP5 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ATXP5
Description  Jumper Free Over Clock Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATXP5 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ATXP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ATXP5 V1.0
Jumper Free Over Clock Controller
7
Technology Corporation
6. Package Information
SSOP 28 pin Outline Dimension
\
c
h x 45 °
DTEAIL A
D
GAUGE PLANE
θ
Detail A
L
R1
θ1
R
θ2
L1
ZD
B
0.10MM
C
e
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
1.35
1.63
1.75
0.053
0.064
0.069
A1
0.10
0.15
0.25
0.004
0.006
0.010
A2
0.50
0.059
B
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
E
0.635 BASIC
0.025 BASIC
D
9.80
9.91
10.01
0.386
0.390
0.394
E
5.79
5.99
6.20
0.228
0.236
0.244
E1
3.81
3.91
3.99
0.150
0.154
0.157
L
0.41
0.635
1.27
0.016
0.025
0.050
H
0.25
0.50
0.010
0.020
ZD
0.838 REF
0.033 REF
R1
0.20
0.33
0.008
0.013
R
0.20
0.008
θ
0°
8°
0°
8°
θ
1
0°
0°
θ
2
5°
10°
15°
5°
10°
15°
JEDEC
MO-137 (AF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com