| Electronic Components Datasheet Search |
|
TLV840 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV840 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 30 page ![]() 9.2.1.1 Design Requirements This design requires voltage supervision on two separate rails: 3.3-V and 1.2-V rails. The voltage rail needs to sequence upon power up with the 3.3-V rail coming up first followed by the 1.2-V rail at least 25 ms after. PARAMETER DESIGN REQUIREMENT DESIGN RESULT Two Rail Voltage Supervision Monitor 3.3-V and 1.2-V rails Two TLV840 devices provide voltage monitoring with 1% accuracy with device options available in 0.1 V variations Voltage Rail Sequencing Power up the 3.3-V rail first followed by 1.2-V rail 25 ms after The CT capacitor on TLV840CAPL29 is set to 0.047 µF for a reset time delay of 29 ms typical Maximum device current consumption 1 µA Each TLV840 requires 350 nA typical 9.2.1.2 Detailed Design Procedure The primary constraint for this application is choosing the correct device to monitor the supply voltage of the microprocessor. The TLV840 can monitor any voltage between 0.8 V and 5.4 V. Depending on how far away from the nominal voltage rail the user wants the voltage supervisor to trigger determines the correct voltage supervisor variant to choose. In this example, the first TLV840 triggers when the 3.3-V rail falls to 2.9 V. The second TLV840 triggers a reset when the 1.2-V rail falls to 0.9 V. The secondary constraint for this application is the reset time delay that must be at least 25 ms to allow the microprocessor, and all other devices using the 3.3-V rail, enough time to startup correctly before the 1.2-V rail is enabled via the LDO. Because a minimum time is required, the user must account for capacitor tolerance. For applications with ambient temperatures ranging from –40°C to +125°C, CCT can be calculated using RCT and solving for CCT in Equation 2. Solving Equation 2 for 25 ms gives a minimum capacitor value of 0.04 µF which is rounded up to a standard value 0.047 µF to account for capacitor tolerance. A 1 µF decoupling capacitor is connected to the VDD pin as a good analog design practice. The pull-up resistor is only required for the Open-Drain device variants and is calculated to ensure that VOL does not exceed max limit given the Isink possible at the expected supply voltage. In this design example nominal VDD is 1.2 V but dropping to 0.9 V. The Recommended Operating Conditions table provides 15 µA I sink for 0.7 V VDD, which is the closest voltage to this design example. Using 15 µA of Isink and 300 mV max VOL, gives us 40 kΩ for the pull-up resistor. Any value higher than 40 kΩ would ensure that VOL will not exceed 300 mV max specification. 9.2.1.3 Application Curves VDD RESET (LDO Enable) V (LDO) OUT 30ms delay from VDD (3.3 V) to LDO Enable set by 0.047 µF on CT of TLV840CAPL29 Negligible delay from LDO Enable to 1.2 V VOUT Figure 9-2. Startup Sequence Highlighting the Delay Between 3.3V and 1.2V Rails TLV840 SNVSBC3C – DECEMBER 2019 – REVISED SEPTEMBER 2020 www.ti.com 16 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: TLV840 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |