Electronic Components Datasheet Search
  English  ▼

X  

HM5451 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5451
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5451 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5451 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5451 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
______________________________________ ____________________________________________________ __________________________
_
Operating Ambient Temperature
-40 to 85
°C
Maximum Junction Temperature
125
°C
Storage Temperature
-55 to 150
°C
Lead Temperature ( Soldering, 10 sec)
300
°C
Power Dissipation at T=25°C
0.4
W
Package Thermal Resistance (Junction to Ambient) θJA
250
°C /W
Package Thermal Resistance (Junction to Case) θJC
130
°C /W
ESD
2000
V
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for TA = 25oC, unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Detection Voltage
Overcharge Detection Voltage
VCU
4.25
4.30
4.35
V
Overcharge Release Voltage
VCL
4.05
4.10
4.15
V
Overdischarge Detection Voltage
VDL
2.7
2.8
2.9
V
Overdischarge Release Voltage
VDR
2.9
3.0
3.1
V
Charger Detection Voltage
*VCHA
-0.06
V
Detection Current
Overdischarge Current1 Detection
IIOV1
VDD=3.6V
0.4
0.9
1.5
A
Load Short-Circuiting
Detection
*ISHORT VDD=3.5V
10
20
30
A
Current Consumption
Current Consumption in Normal
Operation
IOPE
VDD=3.5V
VM =0V
1.5
2
μ A
Current Consumption in power
Down
IPDN
VDD=2.0V
VM pin floating
0.1
μ A
VM Internal Resistance
Internal Resistance between
VM and VDD
*RVMD VDD=3.5V
VM=1.0V
320
k
Ω
Internal Resistance between VM
and GND
*RVMS
VDD=2.0V
VM=1.0V
100
k
Ω
FET on Resistance
30
Equivalent FET on Resistance
*RSS(ON) VDD=3.6V IVM =1.0A
40
45
55
m
Ω
Over Temperature Protection
120
- -
______________________________________ _____________________________________________
_____________________ ___________ _



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com