Electronic Components Datasheet Search
  English  ▼

X  

HM5412 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5412
Description  1 lithium iron phosphate battery protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5412 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5412 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5412 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5. 订购信息
 产品名称定义
6. 产品目录
过充电检测电
压
过充电释放电
压
过放电检测电
压
过放电释放
电压
放电过流检
测电压
充电过流检
测电压
向
0V 电池
充电功能
参数
型号
VCU
VCR
VDL
VDR
VDIP
VCIP
V0CH
H
-AB
3.75±0.025V
3.60±0.05V
2.10±0.05V
2.30±0.05V
100±15mV
-200±30mV
允许
H
-BB
3.75±0.025V
3.60±0.05V
2.10±0.05V
2.30±0.05V
150±15mV
-200±30mV
允许
H
-CB
3.75±0.025V
3.60±0.05V
2.10±0.05V
2.30±0.05V
200±15mV
-200±30mV
允许
H
-EB
3.90±0.025V
3.75±0.05V
2.10±0.05V
2.30±0.05V
200±15mV
-200±30mV
允许
H
-GB
3.75±0.025V
3.25±0.05V
1.825±0.05V
2.37±0.05V
100±15mV
-100± 20mV
允许
H
-HB
3.65±0.025V
3.45±0.05V
2.50±0.05V
3.00±0.05V
150±15mV
-250±50mV
允许
备注:需要上述规格以外的产品时,请与本公司业务部联系。
.
H
1 节磷酸铁锂电池保护 IC
4
HM5412



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com