Electronic Components Datasheet Search
  English  ▼

X  

HM5411 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5411
Description  1 Li-ion/Li-polymer battery protection IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5411 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5411 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5411 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5. 订购信息
 产品名称定义
6. 产品目录
过充电
检测电
压
过充电
释放电
压
过放电
检测电
压
过放电
释放电
压
放电过流检
测电压
充电过流检
测电压
向
0V
电池 充
电功能
其它功能
参数
型号
VCU
VCR
VDL
VDR
VDIP
VCIP
V0CH
-
-DB
4.28V
4.08V
2.90V
3.00V
75±25mV
-100mV
允许
有休眠功能
-EB
4.28V
4.08V
2.40V
2.50V
150±25mV
-100mV
允许
有休眠功能
-GB
4.28V
4.08V
2.90V
3.00V
150±25mV
-100mV
允许
有休眠功能
-HB
4.28V
4.08V
2.90V
3.00V
200±25mV
-100mV
允许
有休眠功能
-KB
4.28V
4.08V
2.40V
2.50V
225±30mV
-100mV
允许
有过放自恢复功能
-NB
4.28V
4.08V
2.90V
3.00V
150±25mV
-100mV
禁止
有休眠功能
备注:需要上述规格以外的产品时,请与本公司业务部联系。
.
H
1 节锂离子/锂聚合物电池保护 IC
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
4
HM5411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com